PART |
Description |
Maker |
HEDL-6442-AP01 HEDL-6442-AP02 HEDL-6402-AP01 HEDL- |
Optical Incremental Housed Encoders 光电编码器增量外 IND 3.3UH SMD 10% SHLD Inductor; Inductor Type:Power; Inductance:10uH; Inductance Tolerance: /- 10 %; Current Rating:279mA; Series:ISC; Package/Case:1812; Core Material:Powdered Iron; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes HEDL-6442-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6442-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6402-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6402-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IT01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IT02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IT01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IT02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-AT01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AT02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AT11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6443-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6402-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6403-IP01 · Two channel encoder with 512 cpr and 2 mm shaft size HEDL-6403-IP02 · Two channel encoder with 512 cpr and 3 mm shaft size HEDL-6443-IP01 · Three channel encoder with 512 cpr and 2 mm shaft size HEDL-6443-IP02 · Three channel encoder with 512 cpr and 3 mm shaft size HEDL-6442-AT01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AT02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-IT11 · Two channel encoder with 512 cpr and 4mm shaft size HEDL-6402-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6402-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6402-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-AP01 · Two channel encoder with 500 cpr and 2 mm shaft size HEDL-6403-AP02 · Two channel encoder with 500 cpr and 3 mm shaft size HEDL-6403-AP11 · Two channel encoder with 500 cpr and 4 mm shaft size HEDL-6403-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6402-IP11 · Two channel encoder with 512 cpr and 4 mm shaft size HEDL-6442-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6442-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size HEDL-6443-AP01 · Three channel encoder with 500 cpr and 2 mm shaft size HEDL-6443-AP02 · Three channel encoder with 500 cpr and 3 mm shaft size
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
553-0600-01 550-0600-01 553-0400-01 550-0400-01 57 |
PLUG 4MM STACKABLE WHT PLUG 4MM WHITE PLUG 4MM STACKABLE GRN 插头4mm的可堆叠GRN PLUG 4MM GREEN 插头4mm的绿 BANANENSTECKER NI 4MM SCHWARZ BANANENSTECKER倪毫米施瓦茨
|
TE Connectivity, Ltd. Bel Fuse, Inc. DEM Manufacturing, Ltd.
|
GV4 GV4WTB100K GV4WTB101K GV4WTB102K GV4WTB105K GV |
4mm Surface Mount, Multi-Turn, Sealed Cermet Trimmers
|
TOCOSAMERICA, INC.
|
LBH1000 |
1.6×0.8×0.4 mm(L×W×H) small size surface mount type SMD 1.6】0.8】0.4 mm(L】W】H) small size surface mount type SMD
|
LUXPIA
|
TM162Y |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 66.0x37.0x11.3; viewing size: 50.0x12.0; character size: 4.0x2.54; dot size: 0.46x0.43; controller: ;
|
TIANMA Microelectronics
|
TM162C-G |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 72.629.7x2.85; viewing size: 68.5x17.95; character size: 6.75x3.45; dot size: 0.8x0.65; controller: KS0032;
|
TIANMA Microelectronics
|
S3528WH-EA |
From old datasheet system 3528 Size Flash White Color SMD Type LED
|
http:// ETC[ETC] Electronic Theatre Controls, Inc.
|
TM162J |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 85.0x36.0x10.5; viewing size: 64.5x13.8; character size: 2.95x5.0; dot size: 0.55x0.55; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|
TM204A |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 20x4; module size: 98.0x60.0x12.0; viewing size: 76.0x25.2; character size: 2.95x4.75; dot size: 0.55x0.55; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|
TM162V |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 85.0x30.0x10.0; viewing size: 66.0x16.0; character size: 2.95x4.35; dot size: 0.55x0.050; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|
AP23PBC-A-F-F01 AP23PBC_A_F-F01 AP23PBC/A/F-F01 |
3x2.4mm SMD CHIP LED LAMP 3x2.4mm贴片发光二极 3x2.4mm SMD CHIP LED LAMP SINGLE COLOR LED, BLUE, 3 mm
|
Kingbright, Corp. Kingbright Corporation.
|
TM404B |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 40x4; module size: 190.0x54.0x11.0; viewing size: 147.0x29.5; character size: 2.78x4.89; dot size: 0.55x0.55; controller: KS0066U or equivalent;
|
TIANMA Microelectronics
|